Part Number Hot Search : 
Z5240 JANTX2N DS120 WSL2512 LF122D RU1HP40R 200DG 90130
Product Description
Full Text Search
 

To Download GBPC-W1508 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gbpc-w gbpc-w 35005 gbpc15/25/35/50w series silicon bridge rectifiers reverse voltage - 50 to 1000 volts forward current - 15/25/35/50 amperes features maximum ratings and electrical characteristics ratings at 25 c ambient temperature unless otherwise specified. single phase half-wave 60hz,resistive or inductive load,for current capacitive load current derate by 20%. 350.0 10 1.0 -55 to +150 -55 to +150 50 35 50 100 70 100 200 140 200 400 280 400 600 420 600 800 560 800 1000 700 1000 15 gbpc-w 50005 5001 gbpc-w 5002 gbpc-w 5006 5008 gbpc-w 5010 gbpc-w 5004 volts volts volts symbols units amps amps volts v rrm v rms v dc i (av) i fsm maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward output rectified current at t c =50 c (note 1,2) peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage dorp per bridge element at 7.5/12.5/17.5/25a maximum dc reverse current t j =25 c at rated dc blocking voltage t j =100 c operating junction temperature range storage temperature range a m c t j t stg ma i r c v f 1.1 gbpcw mdd catalog number surge overload -300~450 amperes peak low forward voltage drop mounting position :any electrically isolated base-2000 vlots materials used carries u/l recognition 3501 3502 3506 3508 3510 3504 25005 2501 2502 2506 2508 2510 2504 15005 1501 1502 1506 1508 1510 1504 gbpcw 15a 300.0 25 35 50 400.0 450.0 gbpcw 25a gbpcw 35a gbpcw 50a dimensions in inches and (milimeters) metal heat sink .295(7.5) .335(8.5) hole for no.8 screw 193"(4.9)diam 1.200 (30.5)min .042(1.07) .038(0.97) 1.133(28.8) 1.114(28.3) .732(18.6) .693(17.6) .732(18.6) .693 ( 17.6 ) .429(10.9) .469(11.9) 1.133(28.8) 1.114(28.3)
ratings and characteristic curves gbpc15/25/35/50w series 100 10 1.0 0.1 0.01 0.6 0.8 1.0 1.2 1.4 0.4 1.6 instantaneous forward voltage,volts instantaneous forward current ,(a) fig.3-typical forward characteristics gbpc50w gbpc25w gbpc35w gbpc15w 10 1.0 0.1 0.01 0 120 20 40 60 80 100 140 t j =25c percent of rated peak reverse voltage instantaneous reverse current, microamperes fig.4-typical reverse characteristics average forward output current , amperes fig.2- derating curve output rectified current case temperature,c 150 100 20 0 10 30 40 50 50 gbpc35w gbpc25w gbpc15w gbpc50w fig.1-maximum forward surge current number of cyclets at 60hz peak forward surge current amperes 1 10 100 0 400 200 100 300 600 500 gbpc50w gbpc35w gbpc25w gbpc15w the cruve g ra p h is for reference onl y , can't be the basis for j ud g ment ( ? ) !


▲Up To Search▲   

 
Price & Availability of GBPC-W1508

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X